PART |
Description |
Maker |
NF-P-TVEFCX NF-WP-TVEFCX CL329-0042-7 CL329-0012-6 |
RFCO-AXIAL CONNECTORS(C15 type connectors for satellite broadcasting) IC MPU RESET CIRC LO 4.00V SC-59 RFCO-AXIAL CONNECTORS(C15 type connectors for satellite broadcasting) RFCO同轴连接器(C15卫星广播型连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
FCN-361J024-AU |
RECTANGULAR CONNECTORS
|
Fujitsu Component Limited.
|
IAM-D82 IAM-D83 CAM-D84 |
Rectangular Connectors
|
MITSUMI ELECTRIC
|
K4H560438E-ZC/LA2 K4H560838E-ZC/LA2 K4H560438E-ZC/ |
64M X 4 DDR DRAM, 0.75 ns, PBGA60 ROHS COMPLIANT, FBGA-60 32M X 8 DDR DRAM, 0.75 ns, PBGA60 ROHS COMPLIANT, FBGA-60 CSM, CER 103PF 1000V 10% 1210 CAP, 10NF 1KV 10%, SMT, 1812 Connector Cover; Enclosure Material:Aluminum; Cable Diameter Max:25.4mm; Cable Diameter Min:20.32mm; Cable Entry:Top; For Use With:AVX/Elco 8016 Series Rack and Panel Rectangular Connectors with 90 Contacts RoHS Compliant: Yes CONN MEMORY CARD HDR CF NORMAL CONN EJECTOR COMPACTFLASH RIGHT Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes COVER, SIDE ENTRY, 38WAY; For use with:8016 Series Rectangular Connectors; Material:Aluminium; Colour:Grey; Connector type:Dust Cap & Cover; Contacts, No. of:38; Ways, No. of:38 RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:6; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes 256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
DB-25PV D110238-34 1003-1951-2 030-1954-000 030-19 |
D SUBMINIATURE RECTANGULAR CONNECTORS
|
ITT Industries
|
QR_P8-PC-111 QRP8-12P-C09 QR_P8-SC-121 QR_P8-SC-21 |
Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
|
Hirose Electric
|
P1-PC2A-111 QR_P4-24P-C QR_P4-24P-C01 QR_P4-24S-C |
QP/P1 SERIES CONNECTOR Small Rectangular Multi-electrode Solderless Connectors for Racks and Panels 小矩形多电极焊的机架面板连接
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
UM-LR-PC UM-QP-1.5WCR3 UM-QP-1.5WCR3A UM-TR-PC UM- |
RFCO-AXIAL CONNECTORS RFCO-AXIAL CONNECTORS RFCO同轴连接 CONNECTOR ACCESSORY 连接器附
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
DN50-50S DN10-20P DN10-20S DN10-2628PC1 DN10-2628P |
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS HOLDER BATTERY 2/3A OR 123A DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS DN系列,新d微型接口连接
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
714-87-109-31-012101 714-87-120-31-012101 |
PCB CONNECTORS Single row 2.54 mm, Carrier
|
Precid-Dip Durtal SA
|
HLMA-SL05 HLMA-SH05 HLMP-S600-A00DG HLMP-S301-B000 |
HLMA-SL05 · 2 mm x 5 mm Rectangular LED Lamp HLMA-SH05 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S600-A00DG · 2 mm x 5 mm Rectangular LED Lamp HLMP-S301-B0000 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S301-B00DG · 2 mm x 5 mm Rectangular LED Lamp HLMP-S301-CDB00 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S501-DE000 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S301-C0002 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S501-C0000 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S501-D0002 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S201-D0000 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S201-E0002 · 2 mm x 5 mm Rectangular LED Lamp HLMP-S201-EF000 · 2 mm x 5 mm Rectangular LED Lamp
|
Agilent (Hewlett-Packard)
|
CRCW080515K0FKTA CRCW0805562RFKTA CRCW06030000FKTA |
RESISTOR, METAL GLAZE/THICK FILM, 0.125 W, 1 %, 100 ppm, 15000 ohm, SURFACE MOUNT, 0805 CHIP, HALOGEN FREE Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
|
Vishay Intertechnology, Inc. Vishay Siliconix
|